PART |
Description |
Maker |
AD5662ARJ-1REEL7 AD5662ARJ-1500RL7 AD5662ARJ-2REEL |
16-Bit nanoDAC in a SOT-23 SERIAL INPUT LOADING, 8 us SETTLING TIME, 16-BIT DAC, PDSO8 16-Bit nanoDAC in a SOT-23
|
Analog Devices ANALOG DEVICES INC
|
AD5061BRJZ-1REEL7 AD5061YRJZ-1REEL7 |
3 V/5 V, 16-Bit VOUT nanoDAC® Converter, Output Buffered, in a Sot 23; Package: SOT-23; No of Pins: 8; Temperature Range: Industrial
|
ANALOG DEVICES INC
|
AD5680BRJZ-2500RL7 EVAL-AD5680EB AD5680 AD5680BRJZ |
5 V 18-Bit nanoDAC in a SOT-23
|
AD[Analog Devices]
|
AD5061BRJZ-1500RL7 AD5061BRJZ-2500RL7 AD5061BRJZ-2 |
3 V/5 V, 16-Bit Vout nanoDAC™ Converter, Output Buffered, in a Sot 23
|
Analog Devices
|
AD5623RARMZ-5REEL7 |
Dual 12-/14-/16-Bit nanoDAC
|
Analog Devices
|
AD5512A AD5542A |
(AD5512A - AD5542A) 16-/12-Bit NanoDAC
|
Analog Devices
|
AD50601 AD5061 AD50621 AD5024 AD5025 |
Fully Accurate, 16-Bit, Unbuffered VOUT, Quad SPI Interface, 2.7 V to 5.5 V nanoDAC in a TSSOP Fully Accurate, 12-/14-/16-Bit VOUT nanoDAC, Quad, SPI Interface, 4.5 V to 5.5 V in TSSOP
|
Analog Devices
|
AD5313RBRUZ-RL7 AD5313RBCPZ-RL7 |
Dual, 10-Bit nanoDAC with 2 ppm/C Reference, SPI Interface
|
Analog Devices
|
AD5063 |
(AD5062 / AD5063) Full Accurate 16 Bit Vout nanoDac
|
Analog Devices
|
AD5623RBRMZ-5REEL7 AD5663RBRMZ-5REEL7 AD5643RBRMZ- |
Dual 12-/14-/16-Bit nanoDAC with 5 ppm/C On-Chip Reference SERIAL INPUT LOADING, 3 us SETTLING TIME, 12-BIT DAC, PDSO10 Dual 12-/14-/16-Bit nanoDAC with 5 ppm/C On-Chip Reference SERIAL INPUT LOADING, 4 us SETTLING TIME, 16-BIT DAC, PDSO10 Dual 12-/14-/16-Bit nanoDAC with 5 ppm/C On-Chip Reference SERIAL INPUT LOADING, 3.5 us SETTLING TIME, 14-BIT DAC, PDSO10
|
Analog Devices, Inc. ANALOG DEVICES INC
|
AD7453ART-REEL7 AD7453BRT-REEL7 EVAL-AD7453CB AD74 |
Pseudo Differential, 555 kSPS 12-Bit ADC in an 8-Lead SOT-23 Pseudo Differential, 555 kSPS, 12-Bit A/D Converter in 8-Lead SOT-23; Package: SOT-23; No of Pins: 8; Temperature Range: Industrial 1-CH 12-BIT SUCCESSIVE APPROXIMATION ADC, SERIAL ACCESS, PDSO8
|
Analog Devices, Inc.
|